Part Number Hot Search : 
BOT123 F503030B 5KP13A SAA3009P KBPC2502 20M100 SLA5007 SGM8522
Product Description
Full Text Search
 

To Download UFG1V470MEM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for capacitance of more than 1000f add 0.02 for every increase of 1000f. aluminum electrolytic capacitors fg series high grade standard type, for audio equipment type numbering system (example : 10v 47 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life marking performance characteristics item 40 to +85c 6.3 to 100v 0.1 to 10000f 20% at 120hz, 20 c after 1 minute's application of rated voltage, leakage current is not more than 0.01cv or 3 (a) , whichever is greater. printed with black color letter on gold sleeve. measurement frequency : 120hz the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 1000 hours at 85 c. after storing the capacitors under no load at 85c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20c, they shall meet the specified values for the endurance characteristics listed above. rated voltage (v) tan (max.) 6.3 0.22 10 0.19 16 0.16 25 0.14 35 0.12 50 0.10 63 0.09 80 0.09 100 0.08 z 25 c / z+20c z 40 c / z+20c rated voltage (v) impedance ratio zt / z20 (max.) 6.3 4 8 10 3 6 16 2 4 25 2 4 35 2 3 50 2 3 63 2 3 80 2 3 100 2 3 capacitance change leakage current tan within 20% of the initial measurement for units of not more than 16v or 6.3 within 15% of the initial measurement for units of not less than 25v or above 6.3 150 % or less than the initial specified value less than or equal to the initial specified value measurement frequency : 120hz at 20 c "fine gold" muse acoustic series suited for high grade audio equipment, using state of the art etching techniques. rich sound in the bass register and clearer high end, most suited for av equipment like dvd. compliant to the rohs directive (2002/95/ec). l + max. 15 min 4 min d + 0.5 max. d p d 5 2.0 0.6 6.3 2.5 0.6 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.8 16 7.5 0.8 18 7.5 0.8 (6.3up) (l < 20) 1.5 (l 20) 2.0 sleeve (p.e.t.) d pressure relief vent (mm) p 0.5 u 1 f 2 g 3 1 4 a 5 4 6 7 7 0 8 m 9 d 10 m 11 d 5 dm 6.3 8 10 em pm 12.5 to 18 hm configuration capacitance tolerance ( 20%) rated capacitance (47f) rated voltage (10v) series name type code radial lead type please refer to page 20, 21, 22 about the formed or taped product spec. please refer to page 4 for the minimum order quantity. fg kz high grade high grade dimension table in next page. fw please refer to page 20 about the end seal configulation. cat.8100b
aluminum electrolytic capacitors dimensions rated ripple current (marms) at 85 c 120hz 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 0. 10 12.5 10 20 12.5 25 0. 16 25 0. 16 31.5 0. 18 35.5 18 40 270 485 867 1135 1431 1810 2100 v 0 5 11 6.3 11 . 0.0 8 11.5 0.10 12.5 10 16 12.5 20 0. 16 25 0.16 31.5 0.16 35.5 18 40 60 99 170 247 330 601 1047 1520 1840 2049 0 5 11 6.3 11 . 00. 8 11.5 0.10 12.5 10 16 10 20 12.5 25 0. 16 25 0.16 35.5 0.18 35.5 57 74 128 226 309 406 723 1290 1720 2140 0 5 11 6.3 11 . 6.3 11 . 0.0 8 11.5 10 16 10 20 12.5 20 .0 16 25 0.16 35.5 18 40 50 70 85 140 260 351 476 854 1570 1794 6.3 11 . 6.3 11 . 00. 8 11.5 0.10 12.5 10 20 12.5 20 0. 12.5 25 0. 16 25 0.18 35.5 60 75 101 176 320 446 590 1060 1840 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 6.3 11 . 0.0 8 11.5 0.0 8 11.5 10 16 12.5 20 0. 12.5 20 0. 16 25 0.16 31.5 1.1 2.4 3.6 5.0 9.0 18 22 27 39 65 93 111 215 390 488 650 1143 50 35 25 16 10 6.3 1h 1v 1e 1c 1a 0j code cap.(f) 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 v 6.3 11 . 0.0 8 11.5 0.0 8 11.5 0.10 12.5 10 20 12.5 20 0. 12.5 25 0. 16 25 0.18 35.5 50 85 105 140 255 420 541 840 1400 6.3 11 . 11. 8 11.5 0.10 12.5 10 16 12.5 20 .0 12.5 25 .0 .0 16 31.5 .016 35.5 0 55 100 130 170 270 490 650 920 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0 5 11 0.0 8 11.5 0.10 12.5 10 16 10 20 12.5 20 0 16 25 0.16 31.5 0.18 35.5 2.3 5.5 8.0 10 15 22 27 36 65 110 150 190 300 549 734 980 100 80 63 2a 1k 1j code cap.(f) rated ripple case size d l (mm) fg series frequency coefficient of rated ripple current frequency cap.(f) 0.1 to 47 100 to 470 1000 to 10000 50hz 0.75 0.80 0.85 120hz 1.00 1.00 1.00 300hz 1.35 1.23 1.10 1khz 1.57 1.34 1.13 10khz or more 2.00 1.50 1.15 cat.8100b
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: nichicon: ? ufg1c472mhj? ufg1a332mhm? ufg1c102mhm? ufg0j102mpm? ufg0j103mhm? ufg0j222mhm? ufg0j332mhm? ufg0j471mpm? ufg0j472mhm? ufg0j682mhm? ufg1a101mem? ufg1a102mhm? ufg1a221mpm? ufg1a222mhm? ufg1a331mpm? ufg1a470mdm? ufg1a471mpm? ufg1a472mhm? ufg1a682mhm? ufg1c101mpm? ufg1c221mpm? ufg1c222mhm? ufg1c330mdm? ufg1c331mpm? ufg1c332mhm? ufg1c470mem? ufg1c471mpm? ufg1c472mhm? ufg1e101mpm? ufg1e102mhm? ufg1e220mdm? ufg1e221mpm? ufg1e222mhm? ufg1e330mem? ufg1e331mpm? ufg1e471mhm? ufg1h010mdm? ufg1h100mdm? ufg1h101mpm? ufg1h102mhm? ufg1h220mem? ufg1h221mhm? ufg1h2r2mdm? ufg1h330mpm? ufg1h331mhm? ufg1h3r3mdm? ufg1h470mpm? ufg1h471mhm? ufg1h4r7mdm? ufg1hr22mdm? ufg1hr33mdm? ufg1hr47mdm? ufg1v101mpm? ufg1v102mhm? ufg1v220mem? ufg1v221mpm? ufg1v222mhm? ufg1v330mem? ufg1v331mhm? ufg1v471mhm? ufg1e332mhm? ufg1e470mem? UFG1V470MEM? ufg1h0r1mdm


▲Up To Search▲   

 
Price & Availability of UFG1V470MEM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X